Part Number Hot Search : 
8AF8RLH SS115 02014 R9876 45023 ON1973 SPM3215 TCZL15B
Product Description
Full Text Search
 

To Download MAL215629122E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 156 PUM-SI
Vishay BCcomponents
Aluminum Capacitors Power Ultra Miniature Snap-In
FEATURES
* Polarized aluminum electrolytic capacitors,
Fig.1 Component outline
non-solid electrolyte * Large types, very small dimensions, cylindrical aluminum case, insulated with a blue sleeve * Charge and discharge proof * Long useful life: 5000 hours at 85 C * High ripple current capability * Keyed polarity version available
RoHS
COMPLIANT
APPLICATIONS
* * * *
VALUE 22 x 25 to 35 x 60 1000 F to 22 000 F 20 % 10 V to 100 V - 40 C to + 85 C 2000 hours 5000 hours 90 000 hours 500 hours IEC 60384-4/EN130300 40/085/56
QUICK REFERENCE DATA
DESCRIPTION Nominal case size (O D x L in mm) Rated capacitance range (E6 series), CR Tolerance on CR Rated voltage range, UR Category temperature range Endurance test at 85 C Useful life at 85 C Useful life at 40 C and 1.4 x IR applied Shelf life at 0 V, 85 C Based on sectional specification Climatic category IEC 60068
General purpose, industrial and audio/video systems Smoothing and filtering Standard and switched mode power supplies Energy storage in pulse systems
MARKING
The capacitors are marked (where possible) with the following information: * Rated capacitance (in F) * Tolerance code on rated capacitance, code letter in accordance with IEC 60062 (M for 20 %) * Rated voltage (in V) * Date code (YYMM) * Name of manufacturer * Code for factory of origin * `-' sign to identify the negative terminal, visible from the top and side of the capacitor * Code number * Climatic category in accordance with IEC 60068
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (O D x L in mm)
CR (F) 1000 1200 1500 1800 2200 2700 3300 3900 4700 5600 6800 8200 10 000 12 000 15 000 18 000 22 000 27 000 39 000 16 25 x 30 25 x 40 30 x 30 30 x 35 35 x 40 25 22 x 25 25 x 25 22 x 40 25 x 40 30 x 35 30 x 40 35 x 40 40 22 x 25 22 x 30 25 x 25 25 x 30 25 x 40 30 x 30 30 x 35 30 x 40 30 x 50 35 x 40 35 x 50 UR (V) 50 22 x 25 22 x 30 25 x 30 25 x 35 25 x 40 30 x 30 30 x 35 30 x 40 30 x 50 35 x 50 35 x 60 63 22 x 25 25 x 25 22 x 30 25 x 25 25 x 30 25 x 35 25 x 40 22 x 50 30 x 30 30 x 35 30 x 40 30 x 50 35 x 40 35 x 50 35 x 60 80 22 x 30 25 x 30 25 x 40 30 x 40 30 x 50 35 x 50 100 22 x 30 22 x 35 25 x 30 25 x 40 30 x 30 30 x 35 30 x 40 35 x 30 30 x 50 35 x 40 35 x 50 35 x 60 www.vishay.com 35
Document Number: 28337 Revision: 18-Aug-08
For technical questions, contact: aluminumcaps2@vishay.com
156 PUM-SI
Vishay BCcomponents
Aluminum Capacitors Power Ultra Miniature Snap-In
DIMENSIONS in millimeters AND AVAILABLE FORMS TWO TERMINAL SNAP-IN
OD
+ TERMINAL
L
- TERMINAL
L + 2 max.
10 0.1
Bottom view
0 5.8 + 1 mm -
O 2 0.1 (2 x)
The minus terminal can be marked with a black dot or with an imprinted `-' sign. Fig.2 Two terminal snap-in Fig.3 Mounting hole diagram
THREE TERMINAL SNAP-IN
OD
O 2 0.1 (2 x) O 2.5 0.1
+
L
-
L + 2 max. 10 0.1 3.3 0.1 4 0.5
4.75 0.1
The negative terminal has TWO pins which are BOTH electrically connected.
The 10 mm spacing of the 2 pin snap-in is used as the base layout and a third hole is added. The third hole is closer to the negative primary hole so that polarization is always maintained, together with added mechanical stability. Fig.5 Mounting hole diagram
Fig.4 Three terminal snap-in
www.vishay.com 36
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28337 Revision: 18-Aug-08
156 PUM-SI
Aluminum Capacitors Power Ultra Miniature Snap-In
Table 1
Vishay BCcomponents
DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL CASE SIZE ODxL 22 x 25 22 x 30 22 x 35 22 x 40 22 x 50 25 x 25 25 x 30 25 x 35 25 x 40 30 x 30 30 x 35 30 x 40 30 x 50 35 x 30 35 x 40 35 x 50 35 x 60 O Dmax. (mm) 23 23 23 23 23 26 26 26 26 31 31 31 31 36 36 36 36 Lmax. (mm) 27 32 37 42 52 27 32 37 42 32 37 42 52 32 42 52 62 MASS (g) 12 16 20 23 29 20 22 24 27 30 35 42 52 40 55 72 84 PACKAGING QUANTITIES (units per box) 100 100 100 100 100 100 100 100 100 100 100 100 100 50 50 50 50 CARDBOARD BOX DIMENSIONS LxWxH 260 x 250 x 39 260 x 250 x 44 260 x 250 x 49 260 x 250 x 54 260 x 250 x 64 290 x 280 x 39 290 x 280 x 44 290 x 280 x 49 290 x 280 x 54 340 x 330 x 44 340 x 330 x 49 340 x 330 x 54 340 x 330 x 64 390 x 198 x 44 390 x 198 x 54 390 x 198 x 64 390 x 198 x 74
ELECTRICAL DATA
SYMBOL CR IR IL1 ESR Z DESCRIPTION rated capacitance at 100 Hz rated rms ripple current at 100 Hz and 85 xC max. leakage current after 1 minute at ur max. equivalent series resistance at 100 Hz max. impedance at 10 kHz
ORDERING EXAMPLE
Electrolytic capacitor 156 series 1000 F/25 V; 20 % Nominal case size: O 25 x 40 mm 2-terminal snap-in: Ordering code: MAL2 156 26123 E3 Former 12NC: 2222 156 26123 3-terminal snap-in: Ordering code: MAL2 156 66123 E3 Former 12NC: 2222 156 66123
Note * Unless otherwise specified, all electrical values in Table 2 apply at Tamb = 20 C, P = 86 to 106 kPa, RH = 45 to 75 % Table 2
ELECTRICAL DATA AND ORDERING INFORMATION
UR (V) CR 100 Hz (F) 10 000 15 000 18 000 22 000 39 000 4700 5600 10 000 12 000 15 000 18 000 27 000 NOMINAL CASE SIZE ODxL (mm) 25 x 30 25 x 40 30 x 30 30 x 35 35 x 40 22 x 25 25 x 25 22 x 40 25 x 40 30 x 35 30 x 40 35 x 40 IR 100 Hz 85 C (A) 3.93 4.98 4.12 4.71 5.17 2.37 3.03 4.40 4.73 4.55 5.06 5.04 IL5 5 min (A) 324 484 580 708 1252 239 284 504 604 754 904 1354 MAX. ESR 100 Hz (m) 49 36 53 44 45 100 74 41 40 47 41 47 MAX. Z 10 kHz (m) 33 26 33 29 26 90 46 27 27 31 27 27 ORDERING CODE MAL2156....... 2-TERM. 25103E3 35153E3 35183E3 25223E3 25393E3 16472E3 26562E3 16103E3 26123E3 26153E3 16183E3 26273E3 3-TERM. 65103E3 75153E3 75183E3 65223E3 65393E3 56472E3 66562E3 56103E3 66123E3 66153E3 56183E3 66273E3
16
25
Document Number: 28337 Revision: 18-Aug-08
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com 37
156 PUM-SI
Vishay BCcomponents
Aluminum Capacitors Power Ultra Miniature Snap-In
ELECTRICAL DATA AND ORDERING INFORMATION
UR (V) CR 100 Hz (F) 2700 3300 3300 4700 6800 8200 10 000 12 000 15 000 18 000 22 000 2200 3300 3900 4700 5600 6800 8200 10 000 12 000 18 000 22 000 1500 1800 2200 2200 2700 3300 3900 4700 4700 5600 6800 6800 8200 10 000 12 000 15 000 1500 2200 3300 4700 6800 10 000 1000 1200 1500 2200 2200 2700 3300 3300 4700 4700 6800 8200 NOMINAL CASE SIZE ODxL (mm) 22 x 25 22 x 30 25 x 25 25 x 30 25 x 40 30 x 30 30 x 35 30 x 40 30 x 50 35 x 40 35 x 50 22 x 25 22 x 30 25 x 30 25 x 35 25 x 40 30 x 30 30 x 35 30 x 40 30 x 50 35 x 50 35 x 60 22 x 25 25 x 25 22 x 30 25 x 25 25 x 30 25 x 35 25 x 40 22 x 50 30 x 30 30 x 35 30 x 40 35 x 30 30 x 50 35 x 40 35 x 50 35 x 60 22 x 30 25 x 30 25 x 40 30 x 40 30 x 50 35 x 50 22 x 30 22 x 35 25 x 30 25 x 40 30 x 30 30 x 35 30 x 40 35 x 30 30 x 50 35 x 40 35 x 50 35 x 60 IR 100 Hz 85 C (A) 2.47 2.98 2.69 3.32 4.26 3.49 4.02 4.49 5.39 4.39 5.34 2.34 2.92 3.17 3.64 4.09 3.35 3.88 4.32 5.23 5.18 5.97 2.13 2.37 2.66 2.42 2.95 3.39 3.81 4.26 3.25 3.75 4.19 3.28 5.05 4.23 5.15 5.89 1.83 2.23 2.92 3.44 4.18 4.51 1.72 1.98 2.12 2.77 2.55 2.94 3.32 2.84 4.04 3.67 4.39 5.21 IL5 5 min (A) 220 268 268 380 548 660 804 964 1204 1444 1764 224 334 394 474 564 684 824 1004 1204 1804 2204 193 231 281 281 344 420 495 596 596 710 861 861 1037 1264 1516 1894 244 356 532 756 1092 1604 204 244 304 444 444 544 664 664 944 944 1364 1644 MAX. ESR 100 Hz (m) 97 74 93 68 49 74 60 52 41 62 47 107 76 74 62 53 79 65 56 43 50 51 128 120 92 115 86 71 61 50 85 69 59 97 46 67 51 52 318 230 155 121 88 74 338 282 239 164 181 148 123 147 90 102 76 63 MAX. Z 10 kHz (m) 57 43 58 44 33 44 38 33 28 33 28 62 46 47 40 35 48 40 35 29 29 46 68 69 50 70 51 43 37 30 53 45 39 53 32 39 32 47 308 224 152 119 87 73 312 261 223 154 171 140 116 140 86 98 73 61 ORDERING CODE MAL2156....... 2-TERM. 17272E3 27332E3 17332E3 27472E3 37682E3 37822E3 17103E3 17123E3 37153E3 17183E3 27223E3 11222E3 11332E3 21392E3 21472E3 21562E3 21682E3 21822E3 11103E3 11123E3 11183E3 11223E3 18152E3 18182E3 18222E3 28222E3 28272E3 28332E3 28392E3 18472E3 38472E3 28562E3 18682E3 28682E3 38822E3 18103E3 18123E3 18153E3 12152E3 22222E3 22332E3 12472E3 12682E3 12103E3 19102E3 29122E3 29152E3 29222E3 39222E3 29272E3 19332E3 29332E3 19472E3 29472E3 19682E3 19822E3 3-TERM. 57272E3 67332E3 57332E3 67472E3 77682E3 77822E3 57103E3 57123E3 77153E3 57183E3 67223E3 51222E3 51332E3 61392E3 61472E3 61562E3 61682E3 61822E3 51103E3 51123E3 51183E3 51223E3 58152E3 58182E3 58222E3 68222E3 68272E3 68332E3 68392E3 58472E3 78472E3 68562E3 58682E3 68682E3 78822E3 58103E3 58123E3 58153E3 52152E3 62222E3 62332E3 52472E3 52682E3 52103E3 59102E3 59122E3 69152E3 69222E3 79222E3 69272E3 59332E3 69332E3 59472E3 69472E3 59682E3 59822E3
40
50
63
80
100
www.vishay.com 38
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28337 Revision: 18-Aug-08
156 PUM-SI
Aluminum Capacitors Power Ultra Miniature Snap-In
ADDITIONAL ELECTRICAL DATA
PARAMETER Voltage Surge voltage Reverse voltage Current Leakage current Inductance Equivalent series inductance (ESL) All case sizes typ. 19 nH max. 25 nH After 1 minute at UR After 5 minutes at UR IL1 0.006 CR x UR + 4 A IL5 0.002 CR x UR + 4 A Us = 1.15 x UR Urev 1 V CONDITIONS VALUE
Vishay BCcomponents
RIPPLE CURRENT AND USEFUL LIFE
2.4 MGA453
2.3 IA IR 2.2
2.1
2.0
1.9 1.8 1.7
1 1. 2
life multiplier
1.6
5 1. 2
1.5
2. 5 3
1.4
4 5
1.3
8
1.2 1.1
IA = Actual ripple current at 100 Hz IR = Rated ripple current at 100 Hz and 85 C
(1)
10 15 20
(1)
1.0 0.8 0.5 0.0 40
30 45 60
Useful life at 85 C and IR applied: 5000 hours
50
60
70
80 Tamb (C)
90
Fig.6 Multiplier of useful life as a function of ambient temperature and ripple current load
Document Number: 28337 Revision: 18-Aug-08
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com 39
156 PUM-SI
Vishay BCcomponents
Table 3
Aluminum Capacitors Power Ultra Miniature Snap-In
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY (Hz) 50 100 200 400 1000 2000 4000 10 000 IR MULTIPLIER UR = 10 to 25 V 0.93 1.00 1.04 1.07 1.11 1.13 1.15 1.18 UR = 40 to 100 V 0.91 1.00 1.05 1.09 1.13 1.15 1.18 1.22
Table 4
TEST PROCEDURES AND REQUIREMENTS
TEST NAME OF TEST Endurance REFERENCE IEC 60384-4/ EN130300 subclause 4.13 PROCEDURE (quick reference) Tamb = 85 C; UR applied: 2000 hours REQUIREMENTS C/C: 15 % ESR 1.3 x spec. limit Z 2 x spec. limit IL5 spec. limit Useful life CECC 30301 subclause 1.8.1 Tamb = 85 C; UR and IR applied: 5000 hours C/C: 15 % ESR 3 x spec. limit Z 3 x spec. limit IL5 spec. limit no short or open circuit, no visible damage total failure percentage: 1 % Shelf life (storage at high temperature) IEC 60384-4/ EN130300 subclause 4.17 Tamb = 85 C; no voltage applied; 500 hours After test: UR to be applied for 30 minutes, 24 hours to 48 hours before measurement C/C: 10 % ESR 1.2 x spec. limit IL5 2 x spec. limit
www.vishay.com 40
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28337 Revision: 18-Aug-08
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of MAL215629122E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X